Part Number Hot Search : 
NJM2755 1H101 AO4421 MPC9350 01M10 12105 EP3036 AO9926BL
Product Description
Full Text Search
 

To Download FP0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FP0
Suitable for installation virtually anywhere.
I Features
1. Measures only W25 H90 D60 mm
W.984 H3.543 D2.362 inch * The unit's compact sizing which has never been thought possible on conventional small PLCs makes it very easy for incorporation into equipment and helps reduce the size of control panels. * C32 series is 30 mm 1.181inch wide.
I/O10 points Up to 128 I/O
Small PLC
www..com
90mm 3.543 inch
2. Expandable 128 points by adding three units.
This PLC is a stacking expansion type which requires no cables for expansion. The total width is only 105 mm 4.134inch when three units are added.
FP0
3. High-speed operation: Scanning speed is approx. 1 ms.
25 mm .984inch
105mm 4.134inch
A 500-step program can be processed only in 1 ms, a speedy processing time for small PLCs.
4. Terminals are designed for tidy styling.
The relay output terminals use European style terminal blocks, so it is possible for the terminals to be connected without terminal blocks. Molex connector type is also available for mass-production equipment. Transistor output type is supplied with wire-pressed terminal cable connectors.
You save this much space!
The left photo shows the FP0-C14RS control unit. The right photo shows an example of expanding by adding three FP0-E32T expansion units to the FP0-C32T control unit.
5. Allows the use of the programming capacity "10k steps" type
Standard equipped with clock/calendar function timer and RS232C port. Operation memory is backed up by secondary battery.
I Power Supply Specifications
Item Power supply Input Output 24 V DC 24 V DC common Relay 2 A (resistor load)/Transistor 0.1 A (varies with different models) Description
I Applicable Functions
Item Pulse catch/Interrupt input 6 points in total Analog I/O Volume input High-speed counter Pulse output note) RS232C port Note) Transistor type only Available by adding analog unit -- 1 phase 4 points/ 2 phases 2 points (10 kHz in total) 2 points (10 kHz in total) 1 ch is equipped to the models having part numbers which end in C or 10k type. 3P terminal blocks (made by Phoenix Contact Co.) Description
I Performance Specifications
Item Number of I/O points Expansion Operation speed Internal memory Memory capacity Internal relay Description (Relay type/Transistor type) 10 points/14 points/16 points/32 points Max. 3 units Total points: Max. 128 points 0.9 s/step EEP-ROM 2.7k steps/5k steps/10k steps (varies with different types) 1008 points
I Applicable Network
Item Remote I/O Inter-PLC link Computer link Modem connection Description CC-Link, Slave station of MEWNET-F (use CC-Link unit/I/O link unit) -- Linkable with tool port or RS232C port (C type) Available, Type with RS232C port can also send data.
Operation Timer/Counter 144 points in total memory 1660 words/6144 words/16384 words Data register (varies with different types)
I Other Built-in Functions
Item Program block-edit during RUN Constant scan Adjustable input time filtering Clock/Calendar function Available Available -- -- (built-in with 10k type) Description
FP0 Line up
FP0 Control Unit
10 points (Input 6 points / Relay output 4 points)
10 points with RS232C (Input 6 points / Relay output 4 points)
14 points (Input 8 points / Relay output 6 points)
www..com
Small PLC FP0
90 3.543 60 2.362
90 3.543 60 2.362 25 .984
90 3.543 60 2.362 25 .984
90 3.543 60 2.362 25 .984
90 3.543 60 2.362 25 .984
90 3.543
60 2.362 25 .984
25 .984
Terminal block type
Connector type
Terminal block type
Connector type
Terminal block type
Connector type
FP0-C10RS (AFP02123)
FP0-C10RM (AFP02113)
FP0-C10CRS (AFP02123C)
FP0-C10CRM (AFP02113C)
FP0-C14RS (AFP02223)
FP0-C14RM (AFP02213)
14 points with RS232C (Input 8 points / Relay output 6 points)
16 points (Input 8 points / Transistor output 8 points)
32 points (Input 16 points / Transistor output 16 points)
S-LINK (Input 64 points / Output 64 points)
90 3.543 60 2.362 25 .984
90 3.543 60 2.362 25 .984
90 3.543 60 2.362 25 .984
90 3.543
90 3.543 60 2.362 30 1.181 30 1.181 60 2.362
Terminal block type
Connector type
MIL connector
MIL connector
S-LINK exclusive flat cable
(* Equipped with RS232C port.)
FP0-C14CRS (AFP02223C)
FP0-C14CRM (AFP02213C)
FP0-C16T (NPN) (AFP02343) FP0-C16P (PNP) (AFP02353)
FP0-C32T (NPN) (AFP02543) FP0-C32P (PNP) (AFP02553)
FP0-SL1 (AFP02700)
16 points with RS232C (Input 8 points / Transistor output 8 points)
32 points with RS232C (Input 16 points / Transistor output 16 points)
32 points with RS232C 10 k type (Input 16 points / Transistor output 16 points)
90 3.543 60 2.362 25 .984
90 3.543
90 3.543
60 2.362 30 1.181 30 1.181
60 2.362
MIL connector
MIL connector
MIL connector
FP0-C16CT (NPN) (AFP02343C) FP0-C16CP (AFP02353C)
FP0-C32CT (NPN) (AFP02543C) FP0-C32CP (AFP02553C)
FP0-T32CT (AFP02643C) FP0-T32CP (AFP02653C)
FP0
FP0 Expansion Units (Up to 3 units can be added at the FP/FP0 control unit.) Input/Output Units
8 points: Input 4/Relay output 4 16 points: Input 8/Relay output 8 16 points: Input 8/ Transistor output 8 32 points: Input 16/ Transistor output 16
Small PLC
Terminal block www..com FP0-E8RS (AFP03023)
Connector FP0-E8RM (AFP03013)
Terminal block FP0-E16RS (AFP03323) 16 points: Input 16
Connector FP0-E16RM (AFP03313) 8 points: Relay output 8
MIL connector FP0-E16T (AFP03343) FP0-E16P (AFP03353)
MIL connector FP0-E32T (AFP03543) FP0-E32P (AFP03553)
FP0
8 points: Input 8
8 points: Transistor output 8 16 points: Transistor output 16
MIL connector FP0-E8X (AFP03003)
MIL connector FP0-E16X (AFP03303)
Terminal block FP0-E8YRS (AFP03020)
MIL connector FP0-E8YT (AFP03040) FP0-E8YP (AFP03050)
MIL connector FP0-E16YT (AFP03340) FP0-E16YP (AFP03350)
FP Memory Loader
Data clear type/Data hold type (AFP8670)/(AFP8671)
Communication unit
Intelligent Units (The intelligent units can be added at the right of FP Control unit.)
Power supply units
FP Web-Server unit FP-WEB (AFP0610)
FP0 FP0 A/D FP0 Analog I/O unit FP0 D/A Thermocouple units converter unit (Input: 2-channel/ converter unit 4ch 8ch Output: 1-channel) (Input: 8-channel) (Output: 4-channel) FP0-TC4 FP0-TC8 FP0-A04V FP0-A04I FP0-A21 FP0-A80 (AFP0420) (AFP0421) (AFP04121) (AFP04123) (AFP0480) (AFP0401)
FP0-PSA4 (AFP0634) Input: 100 to 240 V AC Output: 24 V DC, 0.7 A FP0-PSA1 (AFP0631) Input: 100 to 240 V AC Output: 24 V DC, 0.6 A C-NET Adapter S2 type (AFP15402)
FP0 I/O link unit FP0-IOL (AFP0732)
FP0 CC-Link slave unit FP0-CCLS (AFP07943)
FP0 Features
Equipped with 2-axis independent positioning, high-speed counter and PWM output
I Pulse output function (For transistor output type only *)
The FP0 comes equipped with 2 channels of pulse output up to 10 kHz (5 kHz during 2-channel output). Since these two channels can be separately controlled, the FP0 is also suitable for 2-axis independent positioning. Setting for automatic trapezoid control, automatic return to home position and JOG operation are very easy, by using special instructions.
Pulse output
Second serial RS232C port is equipped. (Part No. C10CR, C14CR, C16CT, C16CP, C32CT, C32CP, T32CT, T32CP and SL1)
The RS232C port allows the direct connection to computers and operation display panels. Also, bi-directional data communication with bar-code readers and other RS232C devices is made easy.
* The port block is connected by three S.R.G. (SD, RD, SG) terminals. Operation display panels can also be connected using the tool port. * RS232C port is equipped on the control units for both relay types and transistor output types.
Y0 www..com cw/ccw Y2
* When reduced...
Heater power down * NPST-GR Ver. 3 and earlier and FP Programmer II are not applicable. Please check the user manual regarding other conditions.
FP0 - A21
Small PLC FP0
Motor driver 1
Stepping motor Servo motor
Y1 Y3
Pulse output
cw/ccw
Motor driver 2
Stepping motor Servo motor
FP0
Position control is a breeze with the auto trapezoid control instruction F168!
R0 (DF) [F0 [F0 [F0 [F0 [F1 [F0 [F168 H102,DT0] Control code MV K500,DT1] Initial speed (500 Hz) MV MV K7000,DT2] High speed (7 kHz) K300,DT3] Deceleration/Acceleration time (300 m sec) MV DMV K300000,DT4] Output pulse count (300,000) K0,DT6] MV DT0,K0] Pulse output starts from Y0 SPD1
Deceleration time (300 m sec)
G For connecting to computers and operation display panels
Acceleration time (300 m sec) High speed (7 kHz)
Host computer (Personal computer)
Operation display panel
G For data communication with RS232C devices
Output pulse count (300,000)
RS-232C POWER READY MODE A B C COM COM D2
FLASH
Initial speed (500 Hz)
D4 D3
D6 D5
D8
D9
D1
D7 READY
Simply set the values for each point
KEY PAD
MICRO-IMAGECHECKER M100
Matsuhita Electronic Works, Ltd.
24VDC START ACK IN1 CAMERA MONITOR
IN3
IN5 COM
COM COM IN2 IN4
I High-speed counter function*
Image checker
Bar-code reader
Serial printer
The high-speed counter is prepared for 4 channels in single phase, and 2 channels in 2-phase. In single phase, the 4-channel total is 10 kHz, and in 2-phase the 2-channel total is 2 kHz total speed, making the unit suitable for inverter control, and so forth.
Feeder roller Cutter
Plenty of analog units
Lead wire and tape
Motor Encoder
Inverter
START/ STOP signal Cutter blade control signal
Even with compact body, the following analog units are available. FP0-A21 (AFP0480) : 2 input, 1 output FP0-A80 (AFP0401) : 8 input FP0-A04V (AFP04121) : Voltage 4 output FP0-A04I (AFP04123) : Current 4 output FP0-TC4 (AFP0420) : Thermocouple 4 input FP0-TC8 (AFP0421) : Thermocouple 8 input
Input encoder output into the high-speed counter
I PWM output function (For transistor output type only*)
Pressure sensor
RUN PROG ERROR ALARM RUN
1 2 3 4 5
OFF ON MODE
Inverter
Its PWM output (Pulse Width Modulation output) function makes it possible to provide temperature control with a single compact FP0 unit.
PROG.
V0 I0
* When pulse width values are increased...
Heater power up
IN COM V1 I1 V
Laser analog sensor
OUT
I COM
Potentio meter
Thermocouple
FP0
FP0 S-LINK control unit for simple sensor wiring system
The FP0 S-Link control unit makes sensor wiring and control panel simple by using easy T-shape connectability and 4-wire cable. It can control up to 128 input/output of S-Link I/O devices. Adding up to three FP0 Expansion units you can have flexible I/O configuration capability.
Small PLC
FP0 S-LINK Control unit
W30 x H90 x D60 W1.181 x H3.543 x D2.362
www..com
FP0
Maximum length: 200 m 656.168 ft. Max. 128 points
T-branch multi drop wiring
2 signal wires 2 power supply wires
*Up to 400 m using a booster.
Surveillance possible of FP0 operation status from a Web browser using FP Web-Server Unit
Connecting an FP0 to the FP Web-Server unit with an RS232C cable and then setting up using the dedicated software (FP Web Configurator Tool) makes surveillance possible of the FP0 running conditions from a PC Web browser.
By using C-NET, you can use multiple FP0s as data collection terminals.
By using the C-NET network and exclusive adapters, you can connect multiple FP0s by multi-drop connection with 2-wire cables. You can use computers for distributed control or have network terminals for a centralized management system.
PCWAY
The Excel add-in software "PCWAY" is available for data collection of the networked PLCs. PLC status and data registers value can be simply shown and managed on Excel worksheets, which also makes it possible to transmit Email when malfunctions occur or to make status inquiries.
Ethernet
PCWAY
FP Web-Server Unit
FP0
( C-NET adapter
C-NET adapter S2 type (AFP15402)
AC 100 to 200V : AFP8536 24 V DC : AFP8532
)
Max. 32 units Max. 1,200 m 3,937.008 ft.
FP0
FP0 Specifications
I Performance Specifications
Model Item Programming method / Control method No expansion (control unit only) Number of W/expansion 1 *Same type of control and expansion units Max. 58 points Max. 62 points Max. 112 points Max. 128 points Expansion section: Max. 128 points I/O points Max.96 points W/expansion 2 Max. 106 points Max. 110 points Max. 112 points Max. 128 points Max. 128 points *Mix type of relay and transistor units Program memory EEP-ROM(no back up battery required) www..com Program capacity 2.7k steps 5k steps 10k steps Number of Basic 83 instructions High-level 115 Operation speed (central value/step) 0.9 s/step (for basic instrction) 1008 points Intermal relay (R) 144 points Relay Operation Timer: Counts up to (units: 1 ms, 10 ms, 100 ms, or 1 s) x 32767. Timer/Counter (T/C) memory Counter: Counts up to 32767. points Data register (DT) 1660 words 6144 words 16384 words Memory Index register (IX,IY) 2 words area Master control relay points (MCR) 32 points Number of labels (JMP and LOOP) 64 labels 255 labels Differential points Unlimited number of points Number of step ladder 128 stages 704 stages Number of subroutines 16 subroutines 100 subroutines Available(same as 32 points series) High speed counter 1 phase/4 points (10kHz in total) or 2 phases / 2 points (2 kHz in total)* -- 2 points(10 kHz* in total) ,enable to control 2 Available -- Pulse output -- (same as 32 points series) channels individually* Available(same as 32 points series) -- PWM output 0.15 Hz to 1kHz -- Available(same as 32 points series) Pulse catch input/interrupt input 6 points(with high speed counter) -- Special Interrupt program 7 programs (external 6 points, internal 1 point) 1 program (internal 1 point) Available(same as 32 points series) functions Periodical interrupt 0.5 ms to 30s Constant scan Available One RS232C port is mounted on each of the models FP0- C10CR, C14CR,C16CT, C16CP, C32CT, C32CP, T32CT, T32CP and SL1 type (3P terminal block) RS232C port Transmission speed (Baud rate): 300 to 19200 bit/s, Transmission distance: 15 m 9.843 ft Communication method: half duplex Program and system register Stored program and system register in EEP-ROM C10 series C14 series C16 series C32 series T32 series S-LINK type (Transistor output type only) (Relay output type only) (Relay output type only) (Transistor output type only) (Transistor output type only) Relay symbol/Cyclic operation 10 points 14 points 16 points 32 points S-LINK section: max.128 points 32 points [Input: 6, NPN Output: 4] [Input: 8, NPN Output: 6] [Input: 8, NPN Output: 8] [Input: 16, NPN Output: 16] [Input: 64, NPN Output: 64] [Input: 16, NPN Output: 16]
Small PLC
FP0
Memory back up Maintenance
Operation memory
Stored fixed area in EEP-ROM Counter: 4 points Internal relay: 32 points Data register: 8 words
Stored fixed area in EEP-ROM Couner: 16 points Internal relay: 128 points Date register: 32 words
Backup is provided by secondary battery. The holding range for the timers, counters, internal relays, and data registers are specified with the programming tool.
(By using exclusive instructions, the EEP-ROM is possible to write and read data register.)
Self-diagnostic function Clock/Calender function Other functions
* For the limitations while operating units, see the manual.
Watchdog timer, program syntax check -- Runtime editing, password setting
Available
I General Specifications
Item Rated voltage Operating voltage range 10 points, 14 points type Allowed momentary power off time 16 points, 32 points, S-LINK type Ambient temperature Storage temperature Ambient humidity Storage humidity Breakdown voltage Insulation resistance Vibration resistance Shock resistance Noise immunity Operating condition Description 24 V DC 21.6 to 26.4 V DC 5 ms (at 21.6 V), 10 ms (at 24 V) 10 ms (at 21.6 V / 24 V) 0 to +55C 32 to +131F -20 to +70C -4 to +158F 30 to 85% RH (non-condensing) 30 to 85% RH (non-condensing) Between input/output terminals and power/ground terminals: 500 V AC for 1 minute (for the relay output type, 1500 V AC for 1 minute) Between input terminals and output terminals: 500 V AC for 1 minute (for the relay output type, 1500 V AC for 1 minute) Between input/output terminals and power/ground terminals: Over 100 M (using a 500V DC megger) Between input terminals and output terminals: Over 100 M (using a 500V DC megger) 10 to 55 Hz, 1 sweep/min. Double amplitude of 0.75 mm .030 inch, 10 min. on 3 axes 98 m/s2 or more, 4 times on 3 axes 1,000 V(p-p) with pulse widths 50 ns and 1 s (using a noise simulator) Free from corrosive gasses and excessive dust
FP0
I Input Specification (As for the limitation on the number of simultaneous ON points, please refer to the manual.)
Item Rated input voltage Operating voltage range Rated input current Input impedance Input points per common Min. ON voltage/ON current Max. OFF voltage/OFF current www..com OFF ON Response time ON OFF Insulation method Description 24 V DC 21.6 to 26.4 V DC Approx. 4.3 mA (at 24 V DC) Approx. 5.6 k common, 4 points/common (E8R), 6 points/common (C10R), 8 points/common (C14R/ C16T/E16T/E16R/E8X), 16 points/common (C32T/T32T/E32T/E16X) 19.2 V / 3 mA 2.4 V / 1 mA 50 s or less (at X0, X1) note 1) (at 24V DC and under the ambient temperature of 25C 77F) 100 s or less (at X2 to X5) (at 24 V DC and under the ambient temperature of 25C 77F) 2 ms or less (at X6 onward) Same as above Photocoupler
Small PLC FP0
Note 1) Since the response time of X0 to X5 is very fast (for high-speed counter input), the FP0 happens to catch chattering noise as an input signal. To prevent this, it is recommended that the timer should be put in the ladder program.
I Output Specification
1. Relay output type
Item Output type Rated control capacity Response OFF ON time ON OFF Mechanical Life time Electrical Surge absorber Operating indicator Description 1a (1 form A, normally open) 2 A 250 V AC, 2 A 30 V DC (4.5 A/common) Approx. 10 ms Approx. 8 ms Min. 2 x 107 operations Min. 105 operations None LED display
2. Transistor output type
Item Output type Rated load voltage Load voltage allowable range Max. load current Max. inrush current OFF state leakage current ON state voltage drop Response OFF ON time ON OFF Voltage range for external power supply Surge absorber Output points per common Insulation method Description Open collector NPN type: 5 to 24 V DC, PNP type: 24 V DC NPN type: 4.75 to 26.4 V DC PNP type: 21.6 to 26.4 V DC 0.1 A/point (1 A/common) 0.3 A 100 A or less 1.5 V or less 1 ms or less (50 s or less at Y0 and Y1 only) 21.6 to 26.4 V DC Zener diode 8 points/common (C16T, C16P, C16CT, C16CP, E16T, E16P, E8YT, E8YP) 16 points/common (C32T, C32P, C32CT, C32CP, E32T, E32P, E16YT, E16YP) Photocoupler
I I/O Circuit Diagram
Relay output
Input 5.6k X0 Internal circuit
Internal circuit
Transistor output (NPN)
Input 5.6k X0 Internal circuit
Transistor output (PNP)
5.6k Input X0
(* Note 1)
Xn Internal circuit COM Internal circuit (* Note 1)
Xn 24 V DC COM
Xn Internal circuit COM
Output
Output (-) Y0 Y0
Output Y0
L
Internal circuit
L
Internal circuit
L
Internal circuit
(+)
Yn Internal circuit COM Internal
L
Internal circuit
Yn
L
Internal circuit
Yn
L
Source
Internal
(-) Internal
(+)
24 V DC (Load voltage and external power supply)
Note: For transistor output types, make sure that the externally supplied voltage between the (+) and (-) terminal is between 21.6 and 26.4 V DC.
FP0 Analog I/O Units
Multi-channel analog control of current and voltage is possible
I Features
1. Can be used with the FP0 and FP so wide range applications are possible from small-scale machines to factory production system.
Expanding the breadth of analog control possibilities is, * 4ch output * 8ch input * 2ch/output, 1ch/input
www..com
Small PLC FP0
Analog I/O unit 2ch/1ch FP0-A21 (AFP0480) D/A converter unit 4ch A/D converter unit Voltage output type Current output type 8ch FP0-A04V FP0-A04I FP0-A80 (AFP04121) (AFP04123) (AFP0401)
2. Multi-channel analog control possible with FP0 and FP
Eight input channels or four output channels are built into one unit so multichannel analog control is possible with the ability to connect up to three units.
3. High-speed conversion of 500 s per channel (D/A Converter Unit)
With a current and voltage output conversion time of 500 s, the D/A converter unit is capable of high-speed processing.
I Analog I/O Unit Specifications
1. Analog input specifications
Item Number of input points Voltage range Input range Current range 0 to 5 V or 0 to 20 mA Digital range output -10 to +10 V range Resolution Conversion speed Overall precision
Voltage range Input impedance Current range Absolute Voltage range maximum Current range input
*FP0-A21 (AFP0480)
2. Analog output specifications
Item Number of output points Output Voltage range range Current range Digital -10 to +10 V range input 0 to 20 mA range Resolution Conversion speed Overall precision Output impedance Max. output current Allowable output load resistance Description 1 channel/unit -10 to +10 V 0 to 20 mA K -2000 to K +2000 note 1) K0 to K 4000 note 1) 1/4000 (12 bits) 500 s note 2) 1% F.S. or less (0 to 55C), 0.6% F.S. or less (25C) Voltage range: 0.5 Voltage range : 10 mA Current range: 300 or less
Description 2 channels/unit 0 to 5 V/-10 to +10 V 0 to 20 mA K 0 to K 4000 note 1) K -2000 to K +2000 note 1) 1/4000 (12 bits) 1 ms/channel note 2) 1% F.S. or less (0 to 55C), 0.6% F.S. or less (25C) 1 M or more 250 15 V +30 mA
Between analog input terminal and FP0 internal circuit: optical coupler insulation (non-insulated between analog inputs) Between analog input terminal and analog I/O unit external power supply: based on insulation-type DC/ DC converter Between analog input terminal and analog output terminal: based on insulation-type DC/DC converter
Insulation method
Between analog output terminal and FP0 internal circuit: optical coupler insulation Between analog output terminal and analog I/O unit note 2) external power supply: based on insulation-type DC/ Insulation method DC converter Between analog output terminal and analog input terminal: based on insulation-type DC/DC converter Number of I/O contact points 16 output contact points
Notes 1) If the digital input value exceeds the upper or lower limit, D/A conversion will not take place. (Analog output will remain as the previous data.) 2) The number for the output contact point being used varies depending on the expansion position.
K2000
Number of I/O contact points
32 input contact points
Notes 1) If the analog input value exceeds the upper or lower limit, the digital value will preserve the upper or lower limit. 2) The number for the input contact point being used varies depending on the expansion position.
10 V Conversion time 1 ms WX2 K0 Refresh standby Refresh K2000
WY2
K0
Refresh Waiting for processing 1 ms x number 0 ms to of expansions scan time
Conversion time 500 s
10 V
Analog output
0V
Analog input
0V
3. General specifications
Item Rated voltage Allowable voltage fluctuation range Rated current consumption Description 24 V DC 21.6 to 26.4 V DC 100 mA or less (at 24 V DC) note)
1 ms x number 0 ms to scan time of expansions
Note If the analog I/O unit is connected to the control unit, the current consumption on the control unit side increases by not more than 20 mA for each analog I/O unit.
FP0
FP0-A80 (AFP0401) 1. Analog input specifications
Item Number of input points
Voltage range Current range 0 to 5 V or 0 to 20 mA Digital range output -10 to +10 V range www..com -100 to +100 mv range Resolution Conversion speed
FP0-A04V (AFP04121), FP0-A04I (AFP04123) 1. Analog output specifications
Item Number of intput points Output range Digital input Resolution Conversion speed Overall precision Output impedance Allowable output load resistance Max. output current Description FP0-A04V FP0-A04I (Voltage output type) (Current output type) Voltage output: 4 channels Current output: 4 channels -10 to +10 V 4 to 20 mA K -2000 to K2000 note 1) K 0 to K4000 note 1) 1/4000 500 s/channel note 2) 1% F.S or less (0 to 55C), 0.6% F.S. or less (25C) 0.5 or less - 1000 or more 500 or less - 10 mA Between analog output terminal and FP0 internal circuit: optical coupler insulation (non-insulated between channels) Between analog output terminal and D/A converter unit external power supply: based on insulationtype DC/DC converter 16 input contact points 32 output contact points note 3) Description 8 channels/unit (Number of input points can be changed 2, 4, 6 and 8 channels.) 0 to 5 V/-10 to +10 V/-100 to +100 mv 0 to 20 mA K 0 to K 4000 note 1) K -2000 to K +2000 note 1) 1/4000 (12 bits) 1 ms/channel note 2) 1% F.S. or less (0 to 55C), 0.6% F.S. or less (25C) 1 M or more 250 15 V +30 mA
Between analog input terminal and FP0 internal circuit: optical coupler insulation (non-insulated between channels) Between analog input terminal and A/D converter unit external power supply: based on insulation-type DC/DC converter
Small PLC
Input range
FP0
Overall precision
Voltage range Input impedance Current range Absolute Voltage range max. Current range input
Insulation method
Insulation method
Number of FP0 input contact points
Number of FP0 input contact points Averaging function
32 input contact points Can be switched on and off.
Notes 1) If the digital input value exceeds the upper or lower limit, an error flag will be written to WX2 and D/A conversion will not take place. (Analog output will remain as the previous data.) 2) The time shown below is required to update the actual analog output.
10 V 0V Conversion time 0 ms to scan time Waiting for processing Conversion time 10 V 1 ms x mumber 500 s/1CH 1 ms/2CH of expansions
Notes 1) If the analog input value exceeds the upper or lower limit, the digital value will preserve the upper or lower limit. 2) The time noted below is required before the analog data is reflected in the control unit input.
10 V 0V Conversion time Refresh standby Refresh 1 ms x No. of expansions K2000
WY2
Analog output
K0
3) The data for two channels will be output to the D/A converter unit with one scan of the control unit.
Analog input
WX2
K0
1 ms to 0 ms to 1 ms x number of scan time note 4) input channels x Number of input channels
2. General specifications
Item Rated voltage Allowable voltage fluctuation range Rated current consumption Description FP0-A04 V FP0-A04I (Voltage output type) (Current output type) 24 V DC 21.6 to 26.4 V DC 100 mA or less (at 24 V DC) note) 130 mA or less (at 24 V DC) note)
(
2
)
3) Settings value switch for the number of input channels. 4) With each one scan of the control unit, the data for two channels will be loaded into it. In other words, if the input channel number switch is set to 8channel, the data in the control unit will be updated once every four scans.
2. General specifications
Item Rated voltage Allowable voltage fluctuation range Rated current consumption Description 24 V DC 21.6 to 26.4 V DC 60 mA or less (at 24 V DC) note)
Note If the D/A converter unit is connected to the control unit, the current consumption on the control unit increases by not more than 20 mA for each D/A converter unit.
Note If the A/D converter unit is connected to the control unit, the current consumption on the control unit side increases by not more than 20 mA for each A/D converter unit.
FP0 Thermocouple Unit
Highly accurate multiple-point temperature control
I Features
1. Highly accurate temperature control
Overall accuracy of 0.8C (K, J, T range) enables highly accurate temperature control.
www..com
Small PLC FP0
4-channel type FP0-TC4 (AFP0420) 8-channel type FP0-TC8 (AFP0421)
2. Temperature control up to 24 channels
Four and eight channel units are available to make temperature control up to 24 channels possible.
3. Easy multi-stage temperature control
By combining with PID instruction, temperature profiling control is realized.
4. Support K, J, T and R thermocouples to cover all major applications
K and J (-100 to 500C) T (-100 to 400C) R (0 to 1500C)
I Performance Specifications
Item Input points Input range Description 4-channel, 8-channel (The number of input points can be changed 2, 4, 6 and 8 channels.) Thermocouple types K and J -100.0 to 500.0C/-148.0 to 790.0F note 1) -100.0 to 400.0C/-148.0 to 752.0F Thermocouple type T 0.0 to 1500.0C/32.0 to 1590.0F note 1) Thermocouple type R K and J (when using C): K -1000 to K 5000 K and J (when using F): K -1480 to K 7900 note 1) (When range over using C: K-1001, K5001 or K8000) (When range over using F: K-1481, K7901 or K8000) (When the thermocouple broken: K8000) note 2) (Until the temperature can be measured at the initial startup: K8001) note 3) T (when using C): K -1000 to K 4000 T (when using F): K -1480 to K 7520 note 1) (When range over using C: K-1001, K4001 or K8000) (When range over using F: K-1481, K7521 or K8000) (When the thermocouple broken: K8000) note 2) (Until the temperature can be measured at the initial startup: K8001) note 3) R (when using C): K 0 to K 15000 R (when using F): K 320 to K 15900 note 1) (When range over using C: K0, K15001 or K16000) (When range over using F: K0, K15901 or K16000) (When the thermocouple broken: K16000) note 2) (Until the temperature can be measured at the initial startup: K16001) note 3) 0.1C 300 ms: when using 2 channels for an input points note 4) 500 ms: when using 4 channels for an input points note 4) 700 ms: when using 6 channels for an input points note 4) 900 ms: when using 8 channels for an input points note 4) Range for K and J (-100 to 500C): 0.8C Range for T (-100 to 400C): 0.8C Range for R (0 to 99.9C): 3C (100 to 299.9C): 2.5C (300 to 1500C): 2C more than 1 M * Between thermocouple input terminals and control unit internal circuits: Photo-coupler insulation/DC-DC insulation * Between thermocouple input terminal channels: PhotoMOS relay insulation Input: 32 points note 6)
Digital output
Resolution Sampling cycle note 5)
Overall accuracy
Input impedance Insulation method Input/Output points
Notes 1) The measurement range available for degree Celsius is not available for degree Fahrenheit, of which the upper-limit measurement is set lower than degree Celsius, since the digital value (temperature value displayed) for degree Fahrenheit is bigger than that for degree Celsius. 2) When the thermocouple is broken, the digital value will become K8000 or K16000 within 70 seconds since broken. Practice in the ladder program a process for avoiding a risk, would be resulting from a broken thermocouple, and exchange the thermocouple. 3) Until the conversion data will be ready after the initial startup was made, the digital value shows K8001 or K16001. Those are not a temperature data. Create a ladder program, so that they are not acquired as a temperature data. 4) The settings of the input channel selection switch. 5) Conversion values for 6-time measurements (6 from the latest 8 measurements, excluding the max. and min.) are averaged, so that it takes time for the digital value to be displayed due to the rapid temperature change. 6) The control unit reads the data for 2 channels per 1 scan by the control unit. Read data by utilizing the sample program given in the product specifications and manual.
FP0
I I/O Link unit
I Specifications
Item Communication method Synchronous method Transmission line Transmission distance (Total distance) Description Two-wire, half duple Asynchronous method 2-wire cable (Twisted-pair cable or VCTF 0.75 mm2 x 2C equivalent) Max. 700 m 2,296.588 ft. (using twisted pair cable) Max. 400 m 1,312.336 ft. (using VCTF cable) 0.5 Mbit/s 64 points (Input: 32 points and Output: 32 points) note) 32X/32Y Conforming to RS485 CRC (Cyclic Redumdancy Check) method
Small PLC
www..com
FP0-IOL (AFP0732)
Transmission speed (Baud rate) Number of control I/O point per an I/O link unit Remote I/O map allocation Interface Transmission error check
FP0
Note This point number is the number of points that can be linked for inputting and outputting via the host PLC and network MEWNET-F. If the output for the I/O link unit error flag is set to ON, this number becomes 63 points (31 input points and 32 output points).
I Power supply unit
Applicable crimp terminals
Manufacturer JST Mfg.Co.,Ltd. Part number V1.25-M3 (round type) V1.25-S3A (fork type) V2-M3 (round type) V2-S3A (fork type) Applicable wiring 0.35 to 1.65 mm2 AWG #22 to #15 1.04 to 2.00 mm2 AWG #17 to #14
7.2 mm .283 inch or less
I Specifications
Product number Part number Rated voltage Variable input voltage range Rated frequency Frequency range Number of phases Input Surge current Leakage current Allowable momentary power off time FP0-PSA4 FP0-PSA1 AFP0634 AFP0631 100 to 240 V AC 85 to 264 V AC 50/60 Hz 47 to 63 Hz Single-phase 30 A (0 - P) or less, with cold start 0.75 mA or less 10 ms or more
FP0-PSA4 (AFP0634)
Rated voltage 24 V DC Voltage accuracy 5% Output Rated current 0.7 A 0.6 A 0 to 0.6 A Output current range 0 to 0.7 A Ripple voltage 500 mV or less Protective Over-current protection 0.735 A or more 0.63 A or more functions Over-voltage protection Available
Note Start up may not be possible if a device with a large inrush current is connected even if below the rated current. In such a case, we recommend suppressing the inrush current by inserting a 1 to 2 resister between the power supply unit and the device.
Please see the network page for information on the FP0 CC-Link slave unit.
FP0 Dimensions
I Control Units and Expansion Units * For the relay output type, the terminal block type is listed as the representative type. FP0-C10RS/C10RM/C10CRS/C10CRM/C14RS/C14RM/C14CRS/C14CRM FP0-E8RS/E8RM/E8YRS/E16RS/E16RM
G External dimensions (unit: mm inch)
(10) (.394) 60.0 2.362
EXPANSION CONNECTOR
Terminal array
C10RS/C10RM/ C14RS/C14RM/ C10CRS/C10CRM C14CRS/C14CRM
X0 X1 X2
Input
www..com
Output
Small PLC FP0
Input terminal block note 2) 3.5 .138 60.0 2.362
RUN PROG ERROR ALARM RUN
E8RS/E8RM E16RS/E16RM/E8YRS
X0 X1 X2 X3 (NC) (NC) (NC) (NC) COM Y0 Y1 Y2 Y3 (NC) (NC) (NC) (NC) COM
X0 X1 X2 X3 X4 X5 X6 X7 COM Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 COM
25.0 .984
X0 X1 X2 X3 X4 X5 X6 X7 COM Y0 Y1 Y2 Y3 COM Y4 COM Y5 COM
X3 X4 X5 (NC) (NC) COM Y0 Y1 (NC) (NC) COM Y2 COM Y3 COM
PROG.
90.0 3.543
90.0 3.543
note 1)
Approx. 130.0 5.118
Output terminal block RS232C port (C10CR, C14CR only)
Notes: 1) DIN rail is attached on the center of the unit. 2) The FP0-E8YRS is not equipped with an input terminal block.
(17) (.669)
(9) (.354)
DIN standard rail (DIN EN50022 35 mm 1.378 inch width) attachment gap
(7.5) (.295)
FP0-C16T/C16P/C16CT/C16CP/E16T/E16P/E8X/E8YT/E8YP
G External dimensions (unit: mm inch)
3.5 .138 60.0 2.362 Input connector
note 3)

18 .709 60.0 2.362
EXPANSION CONNECTOR
G Terminal array
Input (8 points/common) X0 X1 X2 X3 X4 X5 X6 X7 COM COM
G RS232C port
Terminal array
25.0 .984
XO-7 0
RUN
1 2 3 4 5 6 7
PROG.
ERROR
ALARM
RUN
PROG.
YO-7 0 1 2 3 4 5 6 7
90.0 3.543
note 1)
90.0 3.543 Approx. 130.0 5.118
SG RD SD
Output (8 points/common) Y0 Y2 Y4 Y6 (+) Y1 Y3 Y5 Y7 (-)
Output connector RS232C port (C16CT/C16CP only)
note 2)
Notes: 1) DIN rail is attached on the center of the unit. 2) The FP0-E8X has no output connector. 3) The FP0-E8YT and E8YP has no input connector.
(17) (.669)
(9) (.354)
(7.5) (.295) DIN standard rail (DIN EN50022 35 mm 1.378 inch width) attachment gap
Note: Two COM terminals on the input circuit are connected inside the unit.
FP0-C32T/C32P/C32CT/C32CP/E32T/E32P/E16X/E16YT/E16YP G External dimensions (unit: mm inch) G Terminal array
3.5 .138 60.0 2.362 Input connector
note 4)
G RS232C port
Terminal array
30.0 1.181
XO-7 X8-F
RUN
note 2)
18 .709
60.0 2.362
EXPANSION CONNECTOR
Input (16 points/common) X0 X1 X2 X3 X4 X5 X6 X7 COM COM Y0 Y2 Y4 Y6 (+) Y1 Y3 Y5 Y7 (-) X8 X9 XA XB XC XD XE XF COM COM
0 1 2 3
PROG.
4 5 6
ERROR
7 8 9 A B C D E F
ALARM
RUN
PROG.
90.0 3.543
YO-7
Y8-F 0 1 2 3 4 5 6 7 8 9 A B C D E F
note 1)
90.0 3.543 Approx. 130.0 5.118
SG RD SD
Output (16 points/common) Y8 YA YC YE (+) Y9 YB YD YF (-)
note 3)
Output connector RS232C port (C32CT/C32CP only)
Notes: (.669) 1) DIN rail is attached on the center of the unit. 2) The FP0-E32T, E32P, E16X, E16YT and E16YP are 25 mm .984 inch each. 3) The FP0-E16X has no output connector. 4) The FP0-E16YT and E16YP have no input connector.
(17)
(9) (.354)
(7.5) (.295) DIN standard rail (DIN EN50022 35 mm 1.378 inch width) attachment gap
Notes: 1) Four COM terminals on the input circuit are connected inside the unit. 2) Two (+) terminals and two (-) terminals on the output circuit are connected respectively inside the unit.
FP0
FP0 S-LINK Control Unit External dimensions (unit: mm inch)

30.0 1.181 (10) (.394)
SD ERR 1 2 3 4
FP0 Analog I/O Unit, A/D Converter Unit, D/A Converter Unit External dimensions (unit: mm inch)

25.0 .984 (10) (.394) 60.0 2.362
60.0 2.362
RUN PROG ERROR ALARM RUN
ERROR ADDRESS
EXPANSION CONNECTOR
MODE
1 2 3 4 5
OFF ON
EXPANSION CONNECTOR
Small PLC
PROG.
SET
V0
www..com
24V 0V D G 24V IN 0V FP0 - SL1
90.0 3.543
I0 IN COM V1 I1
90.0 3.543
FP0
V OUT I COM
RS232C port Terminal array
(9) (.354) (17) (.669)
(7.5) (.295)
DIN standard rail (DIN EN50022 35 mm 1.378 inch width) attachment gap
SG RD SD
FP0 I/O Link Unit External dimensions (unit: mm inch)

25.0 .984 (13) (.512) 60.0 2.362
FP0 Power Supply Unit External dimensions (unit: mm inch)

35.0 1.378 19.2 .756 60.0 2.362
90.0 3.543
FP0 - A21
Input terminal Connection terminal Output terminal
90.0 3.543
3.5 .138
4.5 .177
3.5 .138
FP0 Thermocouple Unit FP0-TC4/FP0-TC8 (unit: mm inch)
25.0 .984 (10) (.394) 60.0 2.362
FP0 CC-Link Unit FP0-CCLS (unit: mm inch)
25.0 .984 (13) (.512) 60.0 2.362
90.0 3.543
90.0 3.543
3.5 .138
4.5 .177 3.5 .138
4.5 .177
FP0
I External Dimensions During Expansions
Top view (with DIN rail attached) A+B+C+D dimensions
Control unit type
(67.5) (2.657) 60.0 2.362
A Control unit only
A+B A+B+C A+B+C+D 1 expansion 2 expansion 3 expansion unit connected units connected units connected
www..com
Small PLC FP0
Front view
A
XO-7
RUN
B
X8-F
0 1 2 2 3 4 5 6 6 7 8 8 9 A B C D E F E F C D A B 9 7 4 5 3
C
XO-7
0 1 2 3 4 5 6 7 8 9 A B C D E F
D
XO-7
0 1 2 3 4 5 6 7 8 9 A B C D E F
XO-7
X8-F
X8-F
X8-F
0 1
PROG
ERROR
ALARM RUN
(45) (1.772)
P ROG.
YO-7
Y8-F
0 1 2 3 4 5 6 7 8 9 A B C D E F
YO-7
Y8-F
0 1 2 3 4 5 6 7 8 9 A B C D E F
YO-7
Y8-F
0 1 2 3 4 5 6 7 8 9 A B C D E F
YO-7
Y8-F
0 1 2 3 4 5 6 7 8 9 A B C D E F
90.0 3.543
FP0-C10CRS FP0-C10CRS FP0-C10RM FP0-C10CRM FP0-C14RS FP0-C14CRS FP0-C14RM FP0-C14CRM FP0-C16T FP0-C16P FP0-C16CT FP0-C16CP FP0-C32T FP0-C32P FP0-C32CT FP0-C32CP FP0-SL1 FP0-T32CT FP0-T32CP
25 mm .984 inch
50 mm 1.969 inch
75 mm 2.953 inch
100 mm 3.937 inch
30 mm 1.181 inch
55 mm 2.165 inch
80 mm 3.150 inch
105 mm 4.134 inch
(45) (1.772)
FP0 Options
I Wiring Tools
Small PLC
www..com Terminal screwdriver
Necessary when wiring relay output type and terminals block (Phoenix). Part number: AFP0806
FP0
Molex connector pressure contact tool
Necessary when wiring connector type and relay output type. Part number: AFP0805 (Molex: 57189-5000)
Multi-wire connector pressure contact tool
Necessary when wiring transistor output type connectors. Part number: AXY52000
I Parts For Mounting
4.0 .158
25.0 .984
UP
10.0 .394
6 .236
6.2 .244
60.0 2.362
90.0 3.543 60.0 2.362 10.0 .394
AFP0803
UP
5.0 .197
90.0 3.543
AFP0804
5.0 .197
60.0 2.362
3.5 .138
2.5 .098 2.2 .087 4.0 .158
10.0 .394
Slim type mounting plate
Screw-stop attachment plate. Slim model. Part number: AFP0803 (set of 10)
3- 5.0 3- .197
60.0 0.5 2.362 .020
Flat type mounting plate
Screw-stop attachment plate. Flat model. Part number: AFP0804 (set of 10) 3- 5.0
3- .197
60.0 0.5 2.362 .020
I I/O Cables
I Flat Cable Connector
Part number: AXM110915
If you are using flat cable connector, request the part specified below for a connector with an asymmetrical design to prevent mistaken polarity.
Relay output Molex type I/O cable
Loose-wiring cable (9 leads) AWG20, with Molex socket attached at one end, 0.5 mm2,1 set: 2 cables (blue & white). 2 cable set 2 cable set Part number: AFP0551 Part number: AFP0553
Transistor output type I/O cable
Wire-pressed terminal cable (10 leads) AWG22, 0.3 mm2 with connectors attached at one end, 1 set: 2 cables (blue & white). 2 cable set 2 cable set Part number: AFP0521 Part number: AFP0523
Notes: * One I/O cable set (2 cables) is necessary with the following models: FP0-C10RS/C10RM, C14RS/C14RM, E8RS/E8RM, E16RS/E16RM * One I/O cable set (2 cables) is necessary with the following models: FP0C16T/C16P/E16X/E16T/E16P/E16YT/E16YP * Two I/O cable sets (total 4 cables) are necessary with the following models: FP0C32T/C32P/E32T/E32P
I Additional Parts
Terminal socket
Attaches to relay output and terminal block type. Additional part Part number: AFP0802 (2 sockets per pack)
Molex socket
Part number: AFP0801 (2 sockets per pack)
FP0 Wire-press socket
Part number: AFP0807 (2 sockets per pack)
Power cable for FP0
Attaches to control unit and relay output type expansion unit. Additional part Length: 1 m 3.281ft. Part number: AFP0581 (1 cable per pack)
Attaches to relay output and Molex connector Attaches to transistor output type. types. Additional part Additional part
FP0 Product Types
1. FP0 Control units
Product name Built-in memory (Program Power supply Number of I/O points capacity) voltage EEPROM (2.7k steps) EEPROM (2.7k steps) EEPROM (2.7k steps) EEPROM (2.7k steps) EEPROM (2.7k steps) 10 10 14 14 Input: 6 Output: 4 Input: 6 Output: 4 Input: 8 Output: 6 Input: 8 Output: 6 Input: 8 Output: 8 24 V DC 24 V DC 24 V DC 24 V DC Specifications Input Output Connection type Product number Part number AFP02123 AFP02113
FP0 C10 Control Unit
Terminal block FP0-C10RS 24 V DC Relay output: 2 A Sink/Sourse (common) Molex connector FP0-C10RM Terminal block 24 V DC Relay output: 2 A Sink/Sourse (common) Molex connector Terminal block 24 V DC Relay output: 2 A Sink/Sourse (common) Molex connector
www..com
Small PLC FP0
FP0 C10 Control Unit with RS232C port FP0 C14 Control Unit FP0 C14 Control Unit with RS232C port
FP0 C16 Control Unit
16
24 V DC
FP0-C10CRS AFP02123C FP0-C10CRM AFP02113C FP0-C14RS AFP02223 FP0-C14RM AFP02213 Terminal block FP0-C14CRS AFP02223C 24 V DC Relay output: 2 A Sink/Sourse (common) Molex connector FP0-C14CRM AFP02213C Transistor output: FP0-C16T AFP02343 NPN 0.1 A 24 V DC MIL connector Sink/Sourse (common) Transistor output: FP0-C16P AFP02353 PNP 0.1 A Transistor output: NPN 0.1 A 24 V DC MIL connector Sink/Sourse (common) Transistor output: PNP 0.1 A 24 V DC MIL connector Sink/Sourse (common) Transistor output: PNP 0.1 A 24 V DC MIL connector Sink/Sourse (common) Transistor output: PNP 0.1 A Transistor output: NPN 0.1 A 24 V DC MIL connector Sink/Sourse (common) Transistor output: PNP 0.1 A -- -- Terminal block Transistor output: NPN 0.1 A Transistor output: NPN 0.1 A FP0-C16CT FP0-C16CP FP0-C32T FP0-C32P FP0-C32CT FP0-C32CP FP0-T32CT FP0-T32CP FP0-SL1 AFP02343C AFP02353C AFP02543 AFP02553 AFP02543C AFP02553C AFP02643C AFP02653C AFP02700
FP0 C16 Control Unit with RS232C port
EEPROM (2.7k steps)
16
Input: 8 Output: 8
24 V DC
FP0 C32 Control Unit
EEPROM (5k steps)
32
Input: 16 Output: 16
24 V DC
FP0 C32 Control Unit with RS232C port
EEPROM (5k steps)
32
Input: 16 Output: 16
24 V DC
FP0 T32 Control Unit with RS232C port and Clock/Calendar function FP0 S-LINK Control Unit with RS232C port
EEPROM (10k steps) EEPROM (5k steps)
32
Input: 16 Output: 16
24 V DC
Input: 64 128 (S-LINK Output: 64 section) (S-LINK section)
24 V DC
2. FP0 Expansion units
Specifications Product name Number of I/O points 8 8 FP0 E8 Expansion Unit 8 8 Input: 8 Input: 4 Output: 4 Output: 8 Output: 8 Power supply voltage -- 24 V DC 24 V DC -- Input 24 V DC Sink/Sourse (common) 24 V DC Sink/Sourse (common) -- -- 24 V DC Sink/Sourse (common) 24 V DC Sink/Sourse (common) 24 V DC Sink/Sourse (common) Output -- Relay output: 2 A Relay output: 2 A Transistor output: NPN 0.1 A Transistor output: PNP 0.1 A -- Relay output: 2 A Transistor output: NPN 0.1 A Transistor output: PNP 0.1 A Transistor output: NPN 0.1 A Transistor output: PNP 0.1 A Transistor output: NPN 0.1 A Transistor output: PNP 0.1 A Connection type MIL connector Terminal block Molex connector Terminal block MIL connector FP0-E8YP MIL connector Terminal block Molex connector MIL connector FP0-E16P FP0-E16YT MIL connector FP0-E16YP FP0-E32T MIL connector FP0-E32P AFP03553 AFP03350 AFP03543 AFP03353 AFP03340 FP0-E16X FP0-E16RS FP0-E16RM FP0-E16T AFP03050 AFP03303 AFP03323 AFP03313 AFP03343 Product number Part number FP0-E8X FP0-E8RS FP0-E8RM FP0-E8YRS FP0-E8YT AFP03003 AFP03023 AFP03013 AFP03020 AFP03040
16 16
Input: 16 Input: 8 Output: 8 Input: 8 Output: 8
-- 24 V DC
FP0 E16 Expansion Unit
16
--
16
Output: 16
--
--
FP0 E32 Expansion Unit
32
Input: 16 Output: 16
--
24 V DC Sink/Sourse (common)
Notes 1) The control units and relay output type expansion units come with a power cable (part number AFP0581). (The transistor output type expansion units need no power cable.) 2) The terminal block type relay output units have 2 terminal blocks (9 pins) made by Phoenix. Use a 2.5 mm .098 inch wide screwdriver. Preferably use the specific terminal block screwdriver (part number AFP0806, Phoenix type code SZS0, 4 x 2.5 mm .098 inch) or equivalent. 3) The connector-type relay output units have 2 connectors made by Nihon Molex (Molex type code 51067-0900, 9 pins). Use the specific Molex connector press-fit tool (part number AFP0805, Nihon Molex type code 57189-5000) or equivalent. 4) The transistor output units have a press-fit socket for wire-pressed terminal cable and contacts. Use the press-fit tool (part number AXY52000) for wire-pressed terminal cable.
FP0
3. Intelligent units
Product name FP0 Thermocouple unit FP Web-Server unit Specifications K, J, T, R thermocouple, Resolution: 0.1C K, J, T, R thermocouple, Resolution: 0.1C Unit for connecting FP series/RS232C interface and Ethernet Web-Server function and E-mail sending function Input specifications FP0 Analog I/O unit Number or channels : 2 channels Input range : 0 to 5 V, -10 to +10 V (Resolution: 1/4000) 0 to 20 mA (Resolution: 1/4000) Number or channels : 1 channels Output range : -10 to +10 V (Resolution: 1/4000) 0 to 20 mA (Resolution: 1/4000) Number or channels : 8 channels Input range : 0 to 5, -10 to +10 V (Resolution: 1/4000) 0 to 20 mA (Resolution: 1/4000) Number or channels : 4 channels Output range : -10 to +10 V (Resolution: 1/4000) 4 to 20 mA (Resolution: 1/4000) Product number FP0-TC4 FP0-TC8 FP-WEB Part number AFP0420 AFP0421
Small PLC
AFP0610
Output specifications
FP0-A21
AFP0480
www..com
Input specifications FP0 A/D Converter Unit Output specifications FP0 D/A Converter Unit
FP0
FP0-A80 FP0-A04V FP0-A04 I
AFP0401 AFP04121 AFP04123
4. Link units
Product name Specifications This unit is for making the FP0 function as a slave station of the CC-Link. Only one unit can be connected to the furthest right edge of the FP0 expansion bus. Note: Accuracy will change if an FP0 thermocouple unit is used at the same time. For details, please refer to the catalog or to the CC-Link Unit manual. This is a link unit designed to make the FP0 function as a station to MEWNET-F (remote I/O system). This is an RS485 adapter designed to allow use of the Computer link function for connecting to a host computer via C-NET. It comes with a 30 cm FP0 tool port cable. A power supply is not required. This is an RS485 adapter designed to allow use of the Computer link function for connecting to a network-connected PLC via C-NET from a host computer. Power supply voltage Product number Part number
FP0 CC-Link Slave unit
24 V DC
FP0-CCLS
AFP07943
FP0 I/O Link unit C-NET adapter S2 type (for FP0 side) C-NET adapter (RS485) (for computer side)
24 V DC
FP0-IOL
AFP0732
-- 100 to 240 V AC 24 V DC
-- -- --
AFP15402 AFP8536 AFP8532
5. Power supply unit
Product name Specifications Output: 0.7 A, 24 V DC FP0 Power supply unit Input voltage: 100 to 240 V AC Output: 0.6 A, 24 V DC FP0-PSA1 AFP0631 Product number FP0-PSA4 Part number AFP0634
6. Options and Additional parts
Product name Data clear type FP Memory loader Terminal screwdriver Molex connector pressure contact tool Multi-wire connector pressure contact tool FP0 Slim 30 type mounting plate Slim type FP0 mounting plate Flat type FP0 mounting plate Relay output Molex type I/O cable Transistor output type I/O cable Flat cable connector for FP/FP0 transistor type unit Terminal socket Molex socket Wire-press socket FP0 Power cable Data hold type Relay output type Necessary when wiring terminals block (Phoenix). Necessary when wiring relay output type and Molex connectors. (MOLEX: 57189-5000) Necessary when wiring transistor output type connectors. Screw-stop attachment plate for 30 mm 1.181 inch width the unit. Screw-stop attachment plate for FP0 expansion unit. Slim model. Screw-stop attachment plate for FP0 control unit. Flat model. Loose-wiring cable (9 leads) AWG20, with Molex socket attached at one end, 0.5 mm2, 1 set: 2 cables (blue & white). Wire-pressed terminal cable (10 leads) AWG22, 0.3 mm2 with connectors attached at one end, 1 set: 2 cables (blue & white). Specifications Part number AFP8670 AFP8671 AFP0806 AFP0805 AXY52000 AFP0811 (set for 10) AFP0803 (set for 10) AFP0804 (set for 10) Length: 1 m 3.281 ft. AFP0551 (2 cable set) Length: 3 m 9.843 ft. AFP0553 (2 cable set) Length: 1 m 3.281 ft. AFP0521 (2 cable set) Length: 3 m 9.843 ft. AFP0523 (2 cable set) AXM110915 AFP0802 (2 sockets per pack) AFP0801 (2 sockets per pack) AFP0807 (2 sockets per pack) AFP0581 (1 socket per pack)
If you are using flat cable connector, request the part specified below for a connector with an asymmetrical design to prevent mistaken polarity. (10-pin) Attaches to relay output and terminal block type. Additional part Attaches to relay output and Molex connector types. Additional part Attaches to transistor output type. Additional part Attaches to FP0 various units. Additional part Length: 1 m 3.281 ft.


▲Up To Search▲   

 
Price & Availability of FP0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X